Part Number Hot Search : 
AO4411 000906 DTC114TE AIV10 4H32F1 PC802A Z100A M5221
Product Description
Full Text Search
 

To Download TG090113W Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  spe - 11 - 8 - 03 4 / d /ss page 1 of 17 specification part no. : tg.09.0113 w product name : penta - band cellular hinged sma male mono pole feature : 800 mhz to 2200mhz gsm/cdma/hspa/umts rotatable hinge design for optimal reception top quality housing with brass hinge and connector extended o peration temperature range rohs compliant
spe - 11 - 8 - 03 4 / d /ss page 2 of 17 1. introduction the tg.09 penta - band cellular hinged rotatable sma antenna is a high efficiency monopole antenna. compared to other much larger antennas on the market, it has superior wide - band high efficie ncy characteristics. this antenna is used by many of the leading wireless device providers in the world marketplace. the unique rotatable hinge design enables the user to rotate the antenna to the best angle for an optimal cellular signal reception. as t he upper antenna element can move in any direction, it also reduces damage from impact force from any angle to the antenna, compared to traditional hinged right angle or fixed fight angle designs or straight antennas. the tiny dimensions of this antenna c oupled with excellent rf performance and an aesthetic high end design feel make it the ideal cellular antenna for routers, vehicle tracking devices, telematics devices, remote monitoring systems, pos devices. the tg.09 as all monopole antennas works best connected directly to the ground - plane of the device main - board. taoglas offers support services to characterize antenna efficiency on your individual device ground - plane. please contact taoglas regional support centre first if you wish to do ptcrb or ne twork approvals with this antenna attached to your device, so we can check rf integration is correct and do a pre - test first to ensure optimized passive and active performance and a smooth and quick certification approval process. this antenna also comes in a black housing version. tg.09.0113
spe - 11 - 8 - 03 4 / d /ss page 3 of 17 2. specification electrical communication system penta - band cellular amps gsm dcs pcs umts frequency 824 ~ 896 880~960 1710~188 0 1850~199 0 1710~217 0 efficiency (free space)* 21% 24% 23% 32% 31% gain (dbi, free space)* 2.0 2.0 - 1.0 - 0.4 - 0.1 efficiency ( mounted on pcb ) * 39% 31% 78% 75% 75% gain (dbi, mounted on pcb ) * 1.0 - 1.0 2.8 2.8 2.0 impedance 50? polarization linear radiation pattern omni - directional input power 10 w mechanical antenna length 72 1.5 mm an tenna diameter 10 0.3 mm casing pom connector sma male (brass) environmental temperature range - 40c to 85c storage temperature - 40 c ~ +105 humidity non - condensing 65c 95% rh * average efficiency and peak gain of antenna sitting 180 o in free space and mounted at the side of the pcb. please refer to section iv for testing detail.
spe - 11 - 8 - 03 4 / d /ss page 4 of 17 3. electrical property C return loss return loss measure the amount of signal energy that is reflected back to the system (the network analyzer) due to impedance mism atch between the 50ohm network analyzer and the antenna. - 3dbi means half of the energy is reflected back and - 10dbi means 10% of energy is reflected back to the system. tg.09 tested with agilent 8753es tg.09 return loss -25 -20 -15 -10 -5 0 600 800 1000 1200 1400 1600 1800 2000 2200 2400 ( mhz) straight bend
spe - 11 - 8 - 03 4 / d /ss page 5 of 17 4. electrical property C efficiency antenna no rmally behaves differently when mounting on a different environment . s o we test the antenna in four different settings C a. free space b. on top of a 150 x 90mm ground plane. ( a common ground p lane size for electronic device ) c. on the edge of a 150 x 90mm ground plane. ( another common way of mounting antenna ) d. 450 x 350 ground plane. this simulate s the situation of mounting tg.09 on top of a large metal object, such as a vehicle. tg.09 can be installed in 5 different angles so we present the test in different combi nation of angles and mounting environment . 1. free space 2. pcb size ground plane 3. mounting upright 4. metal plane
spe - 11 - 8 - 03 4 / d /ss page 6 of 17 tg.09 on top of a 150x90mm pcb. is the horizontal rotation and is the vertical position of tg.09 with respect to the 3d chamber. in the satimo chamber, = 0 is the x - axial, = 90 o is the y - axial and =180 o is the z - axial. o = o o o o
spe - 11 - 8 - 03 4 / d /ss page 7 of 17 4.1 tg.09 on different mounting condition here we compare tg.09 in its most common installation angles (90 o and 180 o ) with different mounting environments. antenna in straight position (180 o ) on different mounting condition. radiation efficiency -- tg.09 180 degree 0% 10% 20% 30% 40% 50% 60% 70% 80% 90% 600 800 1000 1200 1400 1600 1800 2000 2200 2400 ( mhz) pcb 180 metal 180 upright 180 freespace 180
spe - 11 - 8 - 03 4 / d /ss page 8 of 17 antenna in right angle position (90 o ) on different mounting condition. tg.09 is a monopole antenna . it works better wi th the present of a ground plane. t he size of the ground plane does not affect the radiation efficiency much as long as it is greater than 1/4 wavelength (1/4 wavelength for 824mhz is 91mm). radiation efficiency -- tg.09 90 degree 0% 10% 20% 30% 40% 50% 60% 70% 80% 90% 600 800 1000 1200 1400 1600 1800 2000 2200 2400 ( mhz) pcb 90 metal 90 upright 90 freespace 90
spe - 11 - 8 - 03 4 / d /ss page 9 of 17 4.2 tg.09 - different rotation angle tg.09 has 5 different lock ing angle and is free to mount at any angle around . different position of antenna with respect to the ground has different antenna radiation . we tested tg.09 in three common situation of antenna mounting . different antenna mounting is marked as ( angle -- angel ) , photos are two example of the position marking. 0 - 135 27 0 - 90 tg.09 mounted on pcb ground 0% 10% 20% 30% 40% 50% 60% 70% 80% 90% 600 800 1000 1200 1400 1600 1800 2000 2200 2400 ( mhz) 180 0-90 0-135 315-90 315-135 270-90 270-135 225-90 225-135
spe - 11 - 8 - 03 4 / d /ss page 10 of 17 example of upright mounting. 0 - 90 90 - 135 tg.09 mounted at the edge of pcb (upright position) 0% 10% 20% 30% 40% 50% 60% 70% 80% 90% 600 800 1000 1200 1400 1600 1800 2000 2200 2400 ( mhz) 180 315-90 315-135 270-90 270-135 225-90 225-135 180-90 180-135
spe - 11 - 8 - 03 4 / d /ss page 11 of 17 e xample of tg.09 mounting on metal plane. different ground plane let tg.09 have very different efficiency distribution. different tg.09 r o tation for any given mounting ground has up to 20% efficiency different for each frequency, but has similar efficiency distribution. 0 - 135 tg.09 mounted on metal plane 0% 10% 20% 30% 40% 50% 60% 70% 80% 90% 600 800 1000 1200 1400 1600 1800 2000 2200 2400 ( mhz) 0-90 0-135 180
spe - 11 - 8 - 03 4 / d /ss page 12 of 17 5. radiation pattern 5.1 tg.09 in free space vertical horizontal tg.09 180 o in free space tg.09 90 o in free spac e -35 -30 -25 -20 -15 -10 -5 0 -35 -30 -25 -20 -15 -10 -5 0 850mhz 900mhz 1800mhz 1900mhz 2100mhz -35 -30 -25 -20 -15 -10 -5 0 5 -30 -25 -20 -15 -10 -5 0 850mhz 900mhz 1800mhz 1900mhz 2100mhz
spe - 11 - 8 - 03 4 / d /ss page 13 of 17 5.2 tg.09 mounted on pcb vertical horizontal tg.09 180 o on pcb tg.09 90 o on pcb (0 - 90) -35 -30 -25 -20 -15 -10 -5 0 5 -35 -30 -25 -20 -15 -10 -5 0 850mhz 900mhz 1800mhz 1900mhz 2170mhz -35 -30 -25 -20 -15 -10 -5 0 5 -35 -30 -25 -20 -15 -10 -5 0 850mhz 900mhz 1800mhz 1900mhz 2170mhz
spe - 11 - 8 - 03 4 / d /ss page 14 of 17 5.3 tg.09 mounted at a side of pcb vertical horizontal tg.09 180 o mounted at the side of pcb tg.09 90 o mounted at the side of pcb (270 - 90) -35 -30 -25 -20 -15 -10 -5 0 5 -35 -30 -25 -20 -15 -10 -5 0 5 850mhz 900mhz 1800mhz 1900mhz 2170mhz -35 -30 -25 -20 -15 -10 -5 0 5 -35 -30 -25 -20 -15 -10 -5 0 5 850mhz 900mhz 1800mhz 1900mhz 2170mhz
spe - 11 - 8 - 03 4 / d /ss page 15 of 17 5.4 tg.09 mounted on a metal plane vertical horizontal tg.09 180 o mounted on metal plane tg.09 90 o mounted on metal plane (0 - 90) -35 -30 -25 -20 -15 -10 -5 0 5 -35 -30 -25 -20 -15 -10 -5 0 850mhz 900mhz 1800mhz 1900mhz 2170mhz -35 -30 -25 -20 -15 -10 -5 0 5 -35 -30 -25 -20 -15 -10 -5 0 850mhz 900mhz 1800mhz 1900mhz 2170mhz
spe - 11 - 8 - 03 4 / d /ss page 16 of 17 6. mechanical drawing (unit:mm) 1 housing pom white 2 hinge brass ni plated 3 cap pom white 4 connector sm a male (brass)
spe - 11 - 8 - 03 4 / d /ss page 17 of 17 7. packaging 1pcs antennas per small pe bag. 100 small pe bags per big pe bag. 100pcs antennas per big sealed pe bag.


▲Up To Search▲   

 
Price & Availability of TG090113W

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X